Part Number Hot Search : 
0213630 1N4763AG TLWR8 00B0L EH680J03 1C102 680MCL LM239DG
Product Description
Full Text Search
 

To Download MBR20120FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR20120FCT 20 amp high voltage power schottky barrier rectifier 120 volts features maximum ratings ? operating junction temperature: -50 c to +150 c ? storage temperature: -50 c to +150 c mcc catalog number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage MBR20120FCT 120v 84v 120v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 20 a t c = 120 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage v f .83v i f = 10a; maximum dc reverse current at rated dc blocking voltage t j = 25 c  inches mm      
a .583 .642 14.80 16.30 b --- .406 --- 10.30 n .098 .114 2.50 2.90 
  c .100 .112 2.55 2.85 d .248 .272 6.30 6.90 e --- .161 --- 4.10 f --- .071 --- 1.80 g .512 .543 13.00 13.80 h .100 2.55 i --- .035 --- 0.90 j --- .032 --- 0.80 k .118 .134 3.00 3.40 l --- .189 --- 4.80 m --- .130 --- 3.30 o --- .055 --- 1.40 pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2 o f tm micro commercial components www. mccsemi .com 1 of 3 ? high junction temperature capability ? low forward voltage ? marking: type number ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) ito-220ab revision: 6 2010/01/05  
 omponents 20736 marilla street chatsworth       
     mcc i r 0.5ma t j = 25 c notes:1.high temperature solder exemption applied, see eu directive annex 7.
mbr20120 f ct instantaneous reverse leakage current - microamperes versus ereeeeversees vererreeurreeres versus case temeratre - c figre forard erating cre 25 50 100 125 150 0 0 4 12 ingle pase alf ae 0 resistie or ndctie load ams c 5 1 20 figre 2 tyical reerse caracteristics volts .4 . 2 1 ams 20 150 50 5 100 125 .001 .002 .00 .01 .02 .04 .0 .1 .2 4 10 15 t a =25 c mcc 1 100 4 0 25 50 5 figre 4 pea forard rge crrent pea forard rge crrent - ameres versus uereses s es evs rr rerss ure seusrrurreeres versus seusrres s s reres se
mcc revision: 6 2010/01/05 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box 4


▲Up To Search▲   

 
Price & Availability of MBR20120FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X